Part Number Hot Search : 
562LB358 IRFZ24NS 2SA1194K 1215S 12YL5M 5225B DT7101 CDA15
Product Description
Full Text Search
 

To Download EC3700ETT-30000MTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EC37 Series
* RoHS Compliant (Pb-Free) * LVHCMOS output * 2.5V Supply Voltage * Ceramic SMD package * Stability to 20ppm * Standby Function * Available on Tape and Reel
NOTES
EC37
H 1.3 L 5.0 W 3.2
OSCILLATOR
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
ELECTRICAL SPECIFICATIONS
Frequency Range (FO) Operating Temperature Range (OTR) Storage Temperature Range (STR) Supply Voltage (VDD) Input Current (IDD) 1.544MHz to 110.000MHz -10C to 70C -40C to 85C -55C to 125C 2.5VDC 5% 3mA Maximum 5mA Maximum 8mA Maximum 15mA Maximum 20mA Maximum 25mA Maximum 100ppm, 50ppm, 25ppm, or 20ppm Maximum
Frequency Tolerance/Stability
1.544MHz to 9.999MHz 10.000MHz to 24.999MHz 25.000MHz to 34.999MHz 35.000MHz to 49.999MHz 50.000MHz to 70.000MHz 70.001MHz to 110.000MHz Inclusive of all conditions: Calibration Tolerance at 25C, Frequency Stability over the Operating Temperature Range, Supply Voltage Change, Output Load Change, First Year Aging at 25C, Shock, and Vibration
Output Voltage Logic High (VOH) Output Voltage Logic Low (VOL) Rise Time / Fall Time (TR/TF) Duty Cycle (SYM) Load Drive Capability (CLOAD) Tri-State Input Voltage
20% to 80% of Waveform < 35.000MHz 20% to 80% of Waveform > 35.000MHz at 50% of Waveform
Standby Current Start Up Time (TS) RMS Phase Jitter
MANUFACTURER CATEGORY
No Connection VIH: 90% of VDD Minimum VIL: 10% of VDD Minimum Disabled Output: High Impedance 12kHz to 20MHz offset frequency
SERIES PACKAGE VOLTAGE
90% of VDD Minimum (IOH = -8mA) 10% of VDD Maximum (IOL = +8mA) 6 nSeconds Maximum 4 nSeconds Maximum 50 10(%) (Standard) 50 5(%) (Optional) 15pF HCMOS Load Maximum Enables Output Enables Output Disables Output: High Impedance 10A Maximum 10 mSeconds Maximum 1pSeconds Maximum
CLASS REV.DATE
ECLIPTEK CORP.
OSCILLATOR
EC37
CERAMIC
2.5V
OS92
01/06
800-ECLIPTEK www.ecliptek.com for latest revision
154
Specifications subject to change without notice.
PART NUMBERING GUIDE EC37 00 ET T TS - 30.000M TR
FREQUENCY TOLERANCE / STABILITY 00=100ppm Maximum (Standard) 45=50ppm Maximum 25=25ppm Maximum 20=20ppm Maximum OPERATING TEMPERATURE RANGE Blank=-10C to 70C (Standard) ET=-40C to 85C PACKAGING OPTIONS Blank=Bulk (Standard) TR=Tape and Reel FREQUENCY DUTY CYCLE Blank=50 10(%) (Standard) T=50 5(%)
MECHANICAL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
SUGGESTED SOLDER PAD LAYOUT
ALL DIMENSIONS IN MILLIMETERS
TAPE AND REEL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
Pin 1: Tri-State Pin 2: Case Ground
Pin 3: Output Pin 4: Supply Voltage
Tolerances= +0.1
TAPE
A
12.00.2
B
5.50.1
C
6.50.1
D
4.00.1
E
2.00.1
F
REEL
M
1.5 MIN
N
50 MIN
O U
180 MAX
P V
12.4+2-0
Q
40 MIN QTY/REEL 1,000
20.2 MIN 13.00.2
F
8.00.1
G
H
J
A0*
K
0.30 0.05
L
K0*
R
2.5 MIN
S
10 MIN
T
18.4 MAX
B0* 1.5 +0.1-0.0
*Compliant to EIA 481A
ENVIRONMENTAL/MECHANICAL SPECIFICATIONS Characteristic Fine Leak Test Gross Leak Test Mechanical Shock Vibration Solderability Temperature Cycling Resistance to Soldering Heat Resistance to Solvents Specification MIL-STD-883, Method 1014, Condition A MIL-STD-883, Method 1014, Condition C MIL-STD-202, Method 213, Condition C MIL-STD-883, Method 2007, Condition A MIL-STD-883, Method 2002 MIL-STD-883, Method 1010 MIL-STD-202, Method 210 MIL-STD-202, Method 215
MARKING SPECIFICATIONS
Line 1: E XX.XXX
Frequency in MHz (5 Digits Maximum + Decimal)
Line 2: XX Y ZZ
Week of Year Last Digit of Year Ecliptek Manufacturing Identifier
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV.DATE
ECLIPTEK CORP.
OSCILLATOR
EC37
CERAMIC
2.5V
OS92
01/06
800-ECLIPTEK www.ecliptek.com for latest revision
155
Specifications subject to change without notice.
- Lower Cost, Quicker Delivery Alternative! The EMOTM family of oscillators offers exceptional performance, shorter delivery and significant cost advantages by utilizing a revolutionary new MEMS resonator technology. This important innovation enables Ecliptek to offer the ultimate in flexibility with delivery of 2 days for samples and 5 to 10 days for quantities up to 10,000 pieces on tape and reel.
Ecliptek MEMS Oscillators
Supply Voltage (VDC) 1.8 2.5 3.3
Package Dimensions (all dimensions in millimeters) 5x7 EMK11 EMK12 EMK13 3.2 x 5 EMK21 EMK22 EMK23 2.5 x 3.2 EMK31 EMK32 EMK33 2 x 2.5 EMK41 EMK42 EMK43
Would you like to request EMOTM samples or a quotation now? Click Here Want to learn more about the Ecliptek EMOTM family of MEMS oscillators? Click Here Product Features:
* * * * * * * * *
Improved frequency stability through the use of a MEMS resonator 1.8VDC, 2.5VDC, or 3.3VDC supply voltages Frequency range of 1MHz to 125MHz, HCMOS output Frequency stability to 50ppm, -40C to +85C operation Tri-state or power down functions RoHS compliant High temperature +260C reflow capability EIA compliant tape and reel packaging Four SMD package sizes
If you have any questions or would like additional information regarding the Ecliptek EMOTM family of oscillators, please contact our Sales Department.


▲Up To Search▲   

 
Price & Availability of EC3700ETT-30000MTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X